| データシートサーチシステム |
|
CDBF43 データシート(PDF) 2 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
CDBF43 データシート(HTML) 2 Page - Comchip Technology |
|
2 / 2 page ![]() SMD Schottky Barrier Diode SMD Schottky Barrier Diode SMD Diodes Specialist COMCHIP Page 2 REV:A QW-A1044 Reverse voltage (V) Fig.3 - Capacitance between terminals characteristics RATING AND CHARACTERISTIC CURVES (CDBF42/43) 200 400 0 10 100 600 1 0.1 800 Forward voltage (V) Fig. 1 - Forward characteristics Reverse voltage (V) 10u 10n 100u 1m 1u 100n 0 10 20 30 40 Fig. 2 - Reverse characteristics O 25 C O 75 C O 125 C 0 5 10 15 20 25 30 35 0 2 4 6 8 16 f=1MHz O TA=25 C 12 10 14 0 20 40 60 80 100 0 25 50 75 100 125 150 O Ambient temperature ( C) Mounting on glass epoxy PCBs Fig.4 - Current derating curve 120 500 |