| データシートサーチシステム |
|
BPA データシート(PDF) 2 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
BPA データシート(HTML) 2 Page - Apex Electronics Co., Ltd |
|
2 / 4 page ![]() 2018 APEX Electronics Ltd. All rights reserved. www.apex-electronics.com BPA Series Pushbutton switches, optional LED, IP67 02 SWITCH FUNCTION CONNECTED TERMINALS / SCHEMATIC 1 (COMM) NC 3 2 NO BPAD7 BPAS7 MODEL NO. SP DP MOM=MOMENTARY NO. POLES 1-3,4-6 MOM MOM ON ON 1-3 1-2,4-5 1-2 POS.1 POS.2 SWITCH FUNCTION POS.1 POS.2 1 (COMM) NC 3 NC 6 2 NO 4 5 NO 1 (COMM) NC 3 2 NO 1 (COMM) NC 3 NC 6 2 NO 4 5 NO .078 1.98 .047 1.19 .156 3.96 .080 2.03 .250 6.35 .050 1.27 EPOXY SEAL Std for M2, M6, M7, VS termination .240 6.10 .346 8.80 .030 0.76 1/4-40 UNS-2A Std for M1 EPOXY SEAL M6 M6N M7 VS2 V2N VS3 Right angle P.C. Mount Right angle P.C. Mount,Snap-in bracket Right angle P.C. Mount Vertical bracket P.C. Mount Vertical bracket P.C. Mount,Snap-in bracket Vertical bracket P.C. Mount THK .030(0.76) THK .030(0.76) B10 B40 BUSHING OPTIONS TERMINATION OPTIONS OTHER TERMINATION OPTIONS M2 PC Thru-hole M1 Solder lug SPDT DPDT .030 0.76 .185 4.70 .260 6.60 .500 12.7 .450 11.43 .500 12.70 .409 10.40 EPOXY SEAL .409 10.40 .030 0.76 .185 4.70 EPOXY SEAL Ø .116 Ø 2.95 .030 0.76 .346 8.80 .280 7.11 .030 0.76 .280 7.11 .346 8.80 Ø .116 Ø 2.95 .190 4.83 Part No. Shown : BPAS7P2B10M1QE Part No. Shown : BPAD7P2B10M1QE 4 5 6 1 2 3 1/4-40UNS-2A 1/4-40UNS-2A .156 3.96 3 .080 2.03 2 1 .080 2.03 .156 3.96 POLE OPTIONS |