| データシートサーチシステム |
|
BSFS1S102M2RES データシート(PDF) 4 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
BSFS1S102M2RES データシート(HTML) 4 Page - Apex Electronics Co., Ltd |
|
4 / 4 page ![]() 2018 APEX Electronics Ltd. All rights reserved. www.apex-electronics.com BSF Series Subminiature Slide Switch, multiple contact arrangement 04 SNAP-IN TERMINATION OPTIONS M6N MANUAL SOLDERING: Use soldering iron of 30 watts, controlled at 350°C approximately 5 seconds while applying solder. WAVE SOLDERING: Recommended Soldering Temperature: 270 ± 5°C Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness) 0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC ) 3 Amps with resistant load @ 120VAC or 28VDC 1 Amps with resistant load @ 250VAC Q C R CONTACT PLATING Silver Gold over Silver Gold RATINGS Q = Silver C = Gold over silver R = Gold TERMINAL PLATING CONTACT MATERIAL OPTIONS SOLDERING PROCESSES |