データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAK データシート(PDF) 3 Page - Apex Electronics Co., Ltd

部品番号 FAK
部品情報  Foot switch, high operational force, robust mechanism
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
ホームページ  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

FAK データシート(HTML) 3 Page - Apex Electronics Co., Ltd

  FAK Datasheet HTML 1Page - Apex Electronics Co., Ltd FAK Datasheet HTML 2Page - Apex Electronics Co., Ltd FAK Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
FAK Series
Foot switch, high operational force, robust mechanism
03
FAK-P1B1-5
Additional hardware
Actuator
Bushing
A
A
Ø
14.00
5.00
14.30
10.20
5.10
Ø
10.00
6.0±0.30
Ø
5.00±0.3
M12*P0.75
PUSHBUTTON SWITCH
KEYWAY
SPECIFICATIONS
LIFE CYCLES: 20,000 cycles.
OPERATING FORCE: 650±200gf.cm
PART NO.(P/N.)
Working force for bushing with nut:Test with torsion meter
and increase torsion greater then 8kgf.cm.
Stay-Nut torsion strength 8kgf.cm.
1 pc. of nut is packed separately.
HARDWARE
NUT
WASHE
TOOTH WASHE
PANEL MOUNTING
6-Ø.047
6-Ø1.20 +0.1
-0.0
+0.04
-0.0
holes
9-Ø.047
9-Ø1.20 +0.1
-0.0
+0.04
-0.0
holes
.197
5.00
.315
8.00
.378
9.60
.417
10.60
M2 PC Thru-hole
M1 Solder Lug
TERMINATION OPTIONS
.029(0.75) THK.
Ø
.492
Ø
12.5
P.C.B MOUNTING
6-Ø.047
6-Ø1.20 +0.1
-0.0
+0.04
-0.0
holes
.098
2.50
.315
8.00
S7/SL
D7/DL
37/3L
.078
2.00
.039
1.00
MNU-PA03
NU-7K01
Ø
.230
Ø
16.00
Ø
.484
Ø
12.30
.020
0.50
M12x0.75 SI
.551
14.00
.630
16.00
.098
2.50
NU-1M09
.039 THK
1.0
Ø
.625
Ø
15.90
14.30
.029(0.75) THK.



Html Pages

1 2 3