データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP19 データシート(PDF) 2 Page - Apex Electronics Co., Ltd

部品番号 MP19
部品情報  Metal pushbutton switch, 1 million cycles, IP67, IK10
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
ホームページ  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MP19 データシート(HTML) 2 Page - Apex Electronics Co., Ltd

  MP19 Datasheet HTML 1Page - Apex Electronics Co., Ltd MP19 Datasheet HTML 2Page - Apex Electronics Co., Ltd MP19 Datasheet HTML 3Page - Apex Electronics Co., Ltd MP19 Datasheet HTML 4Page - Apex Electronics Co., Ltd MP19 Datasheet HTML 5Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
02
MP19 Series
Metal pushbutton switch, 1 million cycles, IP67, IK10
BODY TYPE
A0/B1/B2/C3 Body
M19x1.0
D0/E1/E2/F3 Body (Flat)
M19x1.0
0.69
17.50
BUTTON TYPE
H HIgh Button
R Round Button
F Flat Button
0.08
2.00
0.08
2.00
0.08
2.00
Ø
0.61
Ø
15.50
0.08
2.00
0.08
2.00
Actuator
Ø
0.61
Ø
15.50
Ø
0.61
Ø
15.50
Ø
0.61
Ø
15.50
Ø
0.51
Ø
13.00
Ø
0.61
Ø
15.50 Ring illuminated
Actuator
Actuator
LIGHT TYPE
R Ring (Fixed)
D Spot
E Ring (Moveable)
P Power logo
E1 Ring (Moveable)+Power logo
0 Without LED
Ø
0.39
Ø
10.00
Ø
0.51
Ø
13.00
Ø
0.61
Ø
15.50 Ring illuminated
Actuator
Actuator
Ø
0.51
Ø
13.00
Ø
0.61
Ø
15.50 Ring illuminated
Actuator
Spot illuminated
Power logo illuminated
Power logo illuminated
CIRCUIT
1
2
3
POSITION 1
POSITION 2
1
2
3
Without LED (1 Pole)
4
5
1
2
3
6
POSITION 1
POSITION 2
6
5
4
1
2
3
Without LED (2 Poles)
POSITION 2
4
5
6
1
2
3
R
POSITION 1
3
2
1
6
5
4
R
Single Color Led (2 Poles)
POSITION 1
POSITION 2
3
2
1
2
3
1
R
Single Color Led (1 Pole)
R
POSITION 1
POSITION 2
3
2
1
2
3
1
Dua Color Led (1 Pole)
Green
Red
Green
Red
POSITION 2
4
5
6
1
2
3
POSITION 1
3
2
1
6
5
4
Dua Color Led (2 Poles)
Green
Red
Green
Red
*
Only for A0,B1,B2,C3 body.
*
Only for D0,E1,E2,F3 body.
*
E1 light type only for
D0,E1,E2,F3 body.



Html Pages

1 2 3 4 5