| データシートサーチシステム |
|
PAA データシート(PDF) 5 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
PAA データシート(HTML) 5 Page - Apex Electronics Co., Ltd |
|
5 / 6 page ![]() 2018 APEX Electronics Ltd. All rights reserved. www.apex-electronics.com 05 PAA Series Pushbutton Switches, 1M cycles, optional LED, IP67 SPST Part No. Shown : PAAS6D2M1CESX-5LY SPST Part No. Shown : PAAS6B3M1CESAX-5 B3 D2 PANEL MOUNTING Ø .597 Ø 15.20±0.1 (+) (-) X=CAP COLOR Y=LED COLOR .047 1.20 EPOXY .200 5.08 .134 3.40 .197 5.00 .594 15.1 .016 0.40 .020 0.50 .196 5.00 .110 2.80 .008 0.20 .078 2.0 Ø .472 Ø 12.00 .343 8.70 Ø .472 Ø 12.00 Ø .689 Ø 17.50 PANEL MOUNTING .507 12.90 Ø .535 Ø 13.60 PANEL MOUNTING Ø .597 Ø 15.20±0.1 SPST Part No. Shown : PAAS6B2M1CESGX-5 B2 .197 5.00 .200 5.08 .016 0.40 .047 1.20 EPOXY .138 3.50 .508 12.90 Ø .689 Ø 17.50 .110 2.80 M12x0.75 SI .287 7.30 Ø .462 Ø 11.75 .185 4.7 X=CAP COLOR .016 0.40 .200 5.08 .197 5.00 .508 12.90 .138 3.50 .138 3.50 .102 2.59 .110 2.80 Ø .689 Ø 17.50 X=CAP COLOR EPOXY Ø .472 Ø 12.00 HARDWARE M12 NUT M12x0.75 SI .630 16.00 .551 14.00 .098 2.50 LOCK WASHER O-RING O-RING EVA WASHER Supplied with B2 / D1 / D2 bushing Supplied with PAL6 and D1 / D2 options Supplied standard with B1/ B2 options Supplied standard with B3 options Ø .669 Ø 17.00 Ø .591 Ø 15.00 .039 1.00 .039 1.00 MNU-PA03 MNU-1M09 FCP-A253 FCP-P004 FSU-PA01 .047 1.20 Ø .532 Ø 13.50 |