データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD55015S-E データシート(PDF) 21 Page - STMicroelectronics

部品番号 PD55015S-E
部品情報  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015S-E データシート(HTML) 21 Page - STMicroelectronics

Back Button PD55015S-E Datasheet HTML 17Page - STMicroelectronics PD55015S-E Datasheet HTML 18Page - STMicroelectronics PD55015S-E Datasheet HTML 19Page - STMicroelectronics PD55015S-E Datasheet HTML 20Page - STMicroelectronics PD55015S-E Datasheet HTML 21Page - STMicroelectronics PD55015S-E Datasheet HTML 22Page - STMicroelectronics PD55015S-E Datasheet HTML 23Page - STMicroelectronics PD55015S-E Datasheet HTML 24Page - STMicroelectronics PD55015S-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
PD55015-E, PD55015S-E
Package mechanical data
21/27
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27