| データシートサーチシステム |
|
IA82527-PLC44A-R データシート(PDF) 21 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA82527-PLC44A-R データシート(HTML) 21 Page - InnovASIC, Inc |
|
21 / 45 page ![]() IA82527 04 May 2007 CAN Serial Communications Controller As of Production Ver. 00 PRELIMINARY Copyright 2007 EN21070504-00 www.Innovasic.com Customer Support: Page 21 of 45 1-888-824-4184 © 4. Functional Description 4.1 Hardware Architecture A block diagram of the IA82527 CAN Serial Communications Controller is shown in Figure 3. The primary architectural features of the device are as follows: • Controller Area Network (CAN) Controller • RAM • CPU Interface • I/O Ports • Programmable Clock Output These features are briefly described in the following subsections. Figure 3. IA82527 Functional Block Diagram |