| データシートサーチシステム |
|
IA82527-PTQ44A-R データシート(PDF) 45 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA82527-PTQ44A-R データシート(HTML) 45 Page - InnovASIC, Inc |
|
45 / 45 page ![]() IA82527 04 May 2007 CAN Serial Communications Controller As of Production Ver. 00 PRELIMINARY Copyright 2007 EN21070504-00 www.Innovasic.com Customer Support: Page 45 of 45 1-888-824-4184 © 7. Ordering Information Ordering information for the Innovasic IA82527 Serial Communications Controller is provided in Table 15. Table 15. IA82527 Ordering Information Innovasic Part Number Intel ® Part Number Package Status Package Type Temperature Grades IA82527-PLC44A AS/AN82527F8 Standard 44-Pin Plastic Leaded Chip Carrier (PLCC) Automotive IA82527-PTQ44A AS/AN82527F8 Standard 44-Pin Quad Flat Package (QFP) Automotive IA82527-PLC44A-R AS/AN82527F8 RoHS 44-Pin Plastic Leaded Chip Carrier (PLCC) Automotive IA82527-PTQ44A-R AS/AN82527F8 RoHS 44-Pin Quad Flat Package (QFP) Automotive Other packages and temperature grades may be available for an additional cost, longer lead time, or both. Innovasic Semiconductor, Inc. Office: 505.883.5263 3737 Princeton Drive NE, Suite 130 FAX: 505.883.5477 Albuquerque, NM 87107-4327 Toll Free: 1-888.824.4184 www.innovasic.com |