| データシートサーチシステム |
|
B65839-A-R30 データシート(PDF) 2 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B65839-A-R30 データシート(HTML) 2 Page - EPCOS |
|
2 / 6 page ![]() 277 08/01 I In accordance with IEC 61596 I For transformers featuring high inductance and low overall height I For power applications I EP cores are supplied in sets Magnetic characteristics (per set) Σl/A = 1,52 mm–1 le = 15,7 mm Ae = 10,3 mm2 Amin = 8,5 mm2 Ve = 162 mm3 Approx. weight 1,4 g/set Gapped Material AL value nH s approx. mm µe Ordering code T38 63 ± 3 % 0,20 76 B65839-A63-A38 100 ± 3 % 0,13 121 B65839-A100-A38 160 ± 5 % 0,08 194 B65839-A160-J38 200 ± 6 % 0,06 243 B65839-A200-C38 250 ± 7 % 0,05 303 B65839-A250-E38 T571) 63 ± 3 % 0,20 76 B65839-A63-A57 100 ± 3 % 0,13 121 B65839-A100-A57 160 ± 5 % 0,08 194 B65839-A160-J57 200 ± 6 % 0,06 243 B65839-A200-C57 250 ± 7 % 0,05 303 B65839-A250-E57 N87 63 ± 3 % 0,20 76 B65839-A63-A87 100 ± 3 % 0,12 121 B65839-A100-A87 160 ± 5 % 0,07 194 B65839-A160-J87 200 ± 6 % 0,06 243 B65839-A200-C87 250 ± 7 % 0,05 303 B65839-A250-E87 FEP0004-T 9,4 0,4 _ 7,2+0,4 4,4 0,2 3,4 _ gapped (one-sided) ∗) 1) Preliminary data B65839 Core EP 7 |