データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCC09M2 データシート(PDF) 2 Page - Balluff Korea Ltd.

部品番号 BCC09M2
部品情報  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BALLUFF [Balluff Korea Ltd.]
ホームページ  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC09M2 データシート(HTML) 2 Page - Balluff Korea Ltd.

  BCC09M2 Datasheet HTML 1Page - Balluff Korea Ltd. BCC09M2 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double-Ended Cordsets
BCC M415-M415-3A-313-PW3534-030
Order Code: BCC09M2
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 282538
ETIM 6.0: EC001855
BCC09M2_0.56_2024-02-27
2 / 2
Remarks
Cable construction acc. to UL-AWM Style 20549
Halogen-free per DIN VDE 0472 Part 815
Silicone-free
Flame resistance per UL FT2
Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece.
Connector Drawings
I
PIN 1: brown
PIN 2: white
PIN 3: blue
PIN 4: black
PIN 5: green/yellow
PIN 1: brown
PIN 2: white
PIN 3: blue
PIN 4: black
PIN 5: green/yellow
Wiring Diagrams



Html Pages

1 2