| データシートサーチシステム |
|
LS7566 データシート(PDF) 9 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS7566 データシート(HTML) 9 Page - LSI Computer Systems |
|
9 / 13 page ![]() RD CS RS CHS DB VALID DATA VALID DATA tr1 tr10 tr2 tr3 tr4 tr5 tr6 tr7 tr8 tr9 FIGURE 2. READ CYCLE tw5 tw7 tw9 tw3 tw2 tw4 tw6 tw8 INPUT DATA tw1 tw10 INPUT DATA WR CS RS CHS DB FIGURE 3. WRITE CYCLE PCK t1 t2 ff (Note 4) (MDR0 <7> = 0) ff (Note 4) (MDR0 <7> = 1) A B INDX t3 t3 t5 t5 t4 t4 t4 t4 Note 1 Note 2 t id t is t ih t is t ih Note 1. Positive index coincident with both A and B high. Note 2. Positive index coincident with both A and B low. Note 3. The index logic level in the above examples are inverted for negative index. Note 4. fF is the internal effective filter clock. FIGURE 4. PCK, A, B and INDX 7566-032205-9 |