| データシートサーチシステム |
|
56F8014 データシート(PDF) 49 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8014 データシート(HTML) 49 Page - Freescale Semiconductor, Inc |
|
49 / 125 page ![]() Register Descriptions 56F8014 Technical Data, Rev. 9 Freescale Semiconductor 49 Preliminary 5.6.1.6 EOnCE Breakpoint Unit Interrupt Priority Level (BKPT_U IPL)— Bits 3–2 This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 1 through 3. It is disabled by default. • 00 = IRQ disabled (default) • 01 = IRQ is priority level 1 • 10 = IRQ is priority level 2 • 11 = IRQ is priority level 3 5.6.1.7 EOnCE Step Counter Interrupt Priority Level (STPCNT IPL)— Bits 1–0 This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 1 through 3. It is disabled by default. • 00 = IRQ disabled (default) • 01 = IRQ is priority level 1 • 10 = IRQ is priority level 2 • 11 = IRQ is priority level 3 5.6.2 Interrupt Priority Register 1 (IPR1) Figure 5-4 Interrupt Priority Register 1 (IPR1) 5.6.2.1 GPIOB Interrupt Priority Level (GPIOB IPL)—Bits 15–14 This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2. It is disabled by default. • 00 = IRQ disabled (default) • 01 = IRQ is priority level 0 • 10 = IRQ is priority level 1 • 11 = IRQ is priority level 2 5.6.2.2 GPIOC Interrupt Priority Level (GPIOC IPL)—Bits 13–12 This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2. It is disabled by default. • 00 = IRQ disabled (default) • 01 = IRQ is priority level 0 • 10 = IRQ is priority level 1 • 11 = IRQ is priority level 2 Base + $1 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read GPIOB IPL GPIOC IPL GPIOD IPL 0 0 FM_CBE IPL FM_CC IPL FM_ERR IPL PLL IPL Write RESET 0 0 0 0 0 0 0 0 000000 00 |