| データシートサーチシステム |
|
S12SPIV2/D データシート(PDF) 29 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SPIV2/D データシート(HTML) 29 Page - Freescale Semiconductor, Inc |
|
29 / 130 page ![]() MC9S12H256 Device User Guide — V01.18 Figure 1-4 MC9S12H128 Memory Map $0000 $FFFF $C000 $8000 $4000 $0400 $0800 $2800 $FF00 EXT NORMAL SINGLE CHIP EXPANDED* SPECIAL SINGLE CHIP VECTORS VECTORS VECTORS $FF00 $FFFF BDM (If Active) $C000 $FFFF 16K Fixed Flash EEPROM 2K, 4K, 8K or 16K Protected Boot Sector $8000 $BFFF 16K Page Window Sixteen * 16K Flash EEPROM Pages $4000 $7FFF 16K Fixed Flash EEPROM 0.5K, 1K, 2K or 4K Protected Sector $2800 $3FFF $0000 $07FF 2K Bytes EEPROM Mappable to any 4K Boundary $0000 $03FF 1K Register Space Mappable to any 2K Boundary Mappable to any 16K Boundary 6K Bytes RAM Alignable to top ($2800 – $3FFF) or bottom ($0000 – $17FF) initially overlapped by register space * Assuming that a ‘0’ was driven onto port K7 during reset to normal expanded mode Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |