| データシートサーチシステム |
|
S12SPIV2/D データシート(PDF) 115 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SPIV2/D データシート(HTML) 115 Page - Freescale Semiconductor, Inc |
|
115 / 130 page ![]() MC9S12H256 Device User Guide — V01.18 A.6 SPI A.6.1 Master Mode Figure A-5 and Figure A-6 illustrate the master mode timing. Timing values are shown in Table A-17. Figure A-5 SPI Master Timing (CPHA = 0) SCK (OUTPUT) SCK (OUTPUT) MISO (INPUT) MOSI (OUTPUT) SS1 (OUTPUT) 1 9 5 6 MSB IN2 BIT 6 . . . 1 LSB IN MSB OUT2 LSB OUT BIT 6 . . . 1 10 4 4 2 9 (CPOL = 0) (CPOL = 1) 3 11 12 1. If configured as output. 2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |