| データシートサーチシステム |
|
DSP56362P データシート(PDF) 102 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56362P データシート(HTML) 102 Page - Freescale Semiconductor, Inc |
|
102 / 152 page ![]() LQFP Package Description DSP56362 Technical Data, Rev. 4 4-2 Freescale Semiconductor Figure 4-1 DSP56362 Thin Quad Flat Pack (LQFP), Top View HAD4 VCCH GNDH HAD3 HAD2 HAD1 HAD0 RESET VCCP PCAP GNDP GNDP1 VCCQH AA3 AA2 CAS DE GNDQ EXTAL VCCQL VCCC GNDC CLKOUT PINIT TA BR BB VCCC GNDC WR RD AA1 AA0 BG A0 D7 D8 VCCD GNDD D9 D10 D11 D12 D13 D14 VCCD GNDD D15 D16 D17 D18 D19 VCCQL GNDQ D20 VCCD GNDD D21 D22 D23 TRST TDO TDI TCK TMS MOSI MISO 1 37 109 (Top View) Orientation Mark AA0301 MODD MODC MODB MODA Note: Because of size constraints in this figure, only one name is shown for multiplexed pins. Refer to Table 4-1 and Table 4-2 for detailed information about pin functions and signal names. nc DSP56362 |