| データシートサーチシステム |
|
HCS12H データシート(PDF) 19 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12H データシート(HTML) 19 Page - Freescale Semiconductor, Inc |
|
19 / 28 page ![]() Memory Maps 16-bit Microcontroller HCS12H Family, Rev. 11.1 Freescale Semiconductor 19 PRELIMINARY Memory Maps Figure 6. MC9(3)S12H256 User Configurable Memory Map $0000 $FFFF $C000 $8000 $4000 $0400 $1000 $FF00 EXT NORMAL SINGLE CHIP EXPANDED SPECIAL SINGLE CHIP VECTORS VECTORS VECTORS $FF00 $FFFF BDM (If Active) $C000 $FFFF 16K Fixed Flash EEPROM 2K, 4K, 8K or 16K Protected Boot Sector $8000 $BFFF 16K Page Window Sixteen * 16K Flash EEPROM Pages $4000 $7FFF 16K Fixed Flash EEPROM 0.5K, 1K, 2K or 4K Protected Sector $1000 $3FFF $0000 $0FFF 4K Bytes EEPROM Mappable to any 4K Boundary $0000 $03FF 1K Register Space Mappable to any 2K Boundary Mappable to any 16K Boundary 12K Bytes RAM Alignable to top ($1000 - $3FFF) or bottom ($0000 - $2FFF) Initially overlapped by register space The figure shows a useful map, which is not the map out of reset. After reset the map is: $0000 - $03FF: Register Space $1000 - $3FFF: 12K RAM for MC9S12H256 There is no mapping of EEPROM Flash on MC3S12H256. $0000 - $0FFF: 4K EEPROM (1K not visible) on MC9S12H256 only. |