| データシートサーチシステム |
|
MFS5600AMBA0ES データシート(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS5600AMBA0ES データシート(HTML) 44 Page - NXP Semiconductors |
|
44 / 118 page ![]() NXP Semiconductors FS5600 Automotive buck regulator and controller with voltage monitors and watchdog timer Parameter Symbol Min Typ Max Unit OTP_VMONx_UVTH[3:0]: Set point Accuracy OTP_ VMONx_UVTH[3:0] = 0111 VMONx_UVTH 92 93.5 95 % OTP_VMONx_UVTH[3:0]: Set point Accuracy OTP_ VMONx_UVTH[3:0] = 1000 VMONx_UVTH 91.5 93 94.5 % OTP_VMONx_UVTH[3:0]: Set point Accuracy OTP_ VMONx_UVTH[3:0] = 1001 VMONx_UVTH 91 92.5 94 % OTP_VMONx_UVTH[3:0]: Set point Accuracy OTP_ VMONx_UVTH[3:0] = 1010 VMONx_UVTH 90.5 92 93.5 % OTP_VMONx_UVTH[3:0]: Set point Accuracy OTP_ VMONx_UVTH[3:0] = 1011 VMONx_UVTH 90 91.5 93 % OTP_VMONx_UVTH[3:0]: Set point Accuracy OTP_ VMONx_UVTH[3:0] = 1100 VMONx_UVTH 89.5 91 92.5 % OTP_VMONx_UVTH[3:0]: Set point Accuracy OTP_ VMONx_UVTH[3:0] = 1101 VMONx_UVTH 89 90.5 92 % OTP_VMONx_UVTH[3:0]: Set point Accuracy OTP_ VMONx_UVTH[3:0] = 1110 VMONx_UVTH 88.5 90 91.5 % OTP_VMONx_UVTH[3:0]: Set point Accuracy OTP_ VMONx_UVTH[3:0] = 1111 VMONx_UVTH 88 89.5 91 % OTP_VMONx_OVTH[3:0]: Set point Accuracy OTP_ VMONx_OVTH[3:0] = 0000 VMONx_OVTH 101.5 103 104.5 % OTP_VMONx_OVTH[3:0]: Set point Accuracy OTP_ VMONx_OVTH[3:0] = 0001 VMONx_OVTH 102 103.5 105 % OTP_VMONx_OVTH[3:0]: Set point Accuracy OTP_ VMONx_OVTH[3:0] = 0010 VMONx_OVTH 102.5 104 105.5 % OTP_VMONx_OVTH[3:0]: Set point Accuracy OTP_ VMONx_OVTH[3:0] = 0011 VMONx_OVTH 103 104.5 106 % OTP_VMONx_OVTH[3:0]: Set point Accuracy OTP_ VMONx_OVTH[3:0] = 0100 VMONx_OVTH 103.5 105 106.5 % OTP_VMONx_OVTH[3:0]: Set point Accuracy OTP_ VMONx_OVTH[3:0] = 0101 VMONx_OVTH 104 105.5 107 % OTP_VMONx_OVTH[3:0]: Set point Accuracy OTP_ VMONx_OVTH[3:0] = 0110 VMONx_OVTH 104.5 106 107.5 % OTP_VMONx_OVTH[3:0]: Set point Accuracy OTP_ VMONx_OVTH[3:0] = 0111 VMONx_OVTH 105 106.5 108 % OTP_VMONx_OVTH[3:0]: Set point Accuracy OTP_ VMONx_OVTH[3:0] = 1000 VMONx_OVTH 105.5 107 108.5 % OTP_VMONx_OVTH[3:0]: Set point Accuracy OTP_ VMONx_OVTH[3:0] = 1001 VMONx_OVTH 106 107.5 109 % OTP_VMONx_OVTH[3:0]: Set point Accuracy OTP_ VMONx_OVTH[3:0] = 1010 VMONx_OVTH 106.5 108 109.5 % OTP_VMONx_OVTH[3:0]: Set point Accuracy OTP_ VMONx_OVTH[3:0] = 1011 VMONx_OVTH 107 108.5 110 % OTP_VMONx_OVTH[3:0]: Set point Accuracy OTP_ VMONx_OVTH[3:0] = 1100 VMONx_OVTH 107.5 109 110.5 % Table 37. VMON1-4 electrical specifications...continued FS5600 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 4 — 29 April 2024 44 / 118 |