データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MFS5600AMMABES データシート(PDF) 27 Page - NXP Semiconductors

部品番号 MFS5600AMMABES
部品情報  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMABES データシート(HTML) 27 Page - NXP Semiconductors

Back Button MFS5600AMMABES Datasheet HTML 23Page - NXP Semiconductors MFS5600AMMABES Datasheet HTML 24Page - NXP Semiconductors MFS5600AMMABES Datasheet HTML 25Page - NXP Semiconductors MFS5600AMMABES Datasheet HTML 26Page - NXP Semiconductors MFS5600AMMABES Datasheet HTML 27Page - NXP Semiconductors MFS5600AMMABES Datasheet HTML 28Page - NXP Semiconductors MFS5600AMMABES Datasheet HTML 29Page - NXP Semiconductors MFS5600AMMABES Datasheet HTML 30Page - NXP Semiconductors MFS5600AMMABES Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
OTP_SW2_VOLT[5:0]
SW2 voltage setting (V)
011011
4.5
011100
4.6
011101
4.7
011110
4.8
011111
4.9
100000
5
100001
5.1
100010
5.2
100011
5.3
100100
5.4
100101
5.5
100110
5.6
100111
5.7
101000
5.8
101001
5.9
101010
6
101011
6.1
101100
6.2
101101
6.3
101110
6.4
101111
6.5
110000
6.6
110001
6.7
110010
6.8
110011
6.9
110100
7
110101
7.1
110110
7.2
110111
Reserved. Do not use.
111000
1 (Use External Resistor Divider)
111001
Reserved. Do not use.
111010
Reserved. Do not use.
111011
Reserved. Do not use.
111100
Reserved. Do not use.
111101
Reserved. Do not use.
111110
Reserved. Do not use.
Table 22. OTP_SW2_VOLT[5:0] Selection...continued
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
27 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More