| データシートサーチシステム |
|
MAC7101VAF50 データシート(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7101VAF50 データシート(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 56 page ![]() MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2 Preliminary Ordering Information Freescale Semiconductor 2 inter-integrated circuit (I2C™) bus controllers, FlexCAN interfaces, an enhanced modular I/O subsystem (eMIOS), 10-bit analog-to-digital converter (ATD) module(s), general-purpose timers (PIT) and two special-purpose timers (RTI and SWT). The peripherals share a large number of general purpose input-output (GPIO) pins, all of which are bidirectional and available with interrupt capability to trigger wake-up from low-power chip modes. Refer to Table 2 for a comparison of family members and availability of peripheral modules on each device. The use of a PLL allows power drain and performance to be balanced to best fit requirements. The operating frequency of devices in the family is up to a maximum of 50 MHz. The internal data paths between the CPU core, eDMA, memory and peripherals are all 32 bits wide, further improving performance for 32-bit applications. The MAC7111, MAC7116, MAC7131 and MAC7136 also offer a 16-bit wide external data bus with 22 address lines. The family of devices is capable of operating over a junction temperature range of –40° C to 150° C. 2 Ordering Information Figure 1. Order Part Number Example The mask set of a device is marked with a four-character code consisting of a letter, two numerical digits, and a letter, for example L49P. Slight variations to the mask set identification code may result in an optional numerical digit preceding the standard four-character code, for example 0L49P. Table 1. MAC7100 Family Mask Set to Part Number Correspondence Mask Set Status Part Number(s) 0L49P Engineering samples PAC7101, PAC7111, PAC7121, PAC7131, PAC7141 1L49P Limited production, pre-qualification PAC7101, PAC7111, PAC7121, PAC7131, PAC7141 0L47W Limited production, pre-qualification PAC7101, PAC7111, PAC7121, PAC7131, PAC7141 1L47W Fully-qualified, production MAC7101, MAC7111, MAC7121, MAC7131, MAC7141 0L61W Engineering samples PAC7112, PAC7122, PAC7142 0L38Y Engineering samples PAC7106, PAC7116, PAC7126, PAC7136 1L38Y Fully-qualified, production MAC7106, MAC7116, MAC7126, MAC7136 M AC 7 1 0 1 C PV 50 xx Qualification Status Core Code Core Number Generation / Family Package Option Device Number Temperature Range Package Identifier Speed (MHz) Optional Package Identifiers Temperature Option C = –40° C to 85° C V = –40° C to105° C M = –40° C to125° C Package Option FU = 100 LQFP AF = 100 LQFP, RoHS PV = 112 / 144 LQFP AG = 112 / 144 LQFP, RoHS VF = 208 MAP BGA VM = 208 MAP BGA, RoHS |