データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ESMD-C1 データシート(PDF) 1 Page - Tyco Electronics

部品番号 ESMD-C1
部品情報  E-Series Surface Mount Mixer 1 - 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

ESMD-C1 データシート(HTML) 1 Page - Tyco Electronics

  ESMD-C1_1 Datasheet HTML 1Page - Tyco Electronics ESMD-C1_1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-Series Surface Mount Mixer
1 – 1000 MHz
ESMD-C1
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
1
Features
• LO Power +7 dBm
• Up to +1 dBm RF
• Low Profile
• Surface Mount
• Tape and reel packaging available
Description
M/A-COM’s ESMD-C1 is a Low Cost, Broadband,
high performance Mixer designed for use in high
volume wireless applications. The device has been
optimised by careful selection of the Schottky Diode
and Balun Transformer for excellent performance.
ESMD-C1 is available in an SM-2 surface mount
package and reflows using standard soldering reflow
profiles. Parts are packaged in tape & reel.
Ordering Information
Part Number
Package
ESMD-C1TR
Tape and Reel (500 piece Reel)
SM - 2 Package
Electrical Specifications: TA = 25°C, Z0 = 50Ω
1, LO = +7 dBm
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
RF Frequency
1 - 1000
MHz
LO Frequency
1 - 1000
MHz
IF Frequency
DC - 1000
MHz
Conversion Loss
2 - 500
1 - 1000
dB
dB
6.5
7.5
7.5
9.5
Isolation
LO to RF
1 - 10
10 - 500
500 - 1000
dB
dB
dB
45
30
25
60
45
40
Isolation
LO to IF
1 - 10
10 - 1000
dB
dB
40
23
60
35
Input 1 dB Compression
1 - 1000
dBm
1


同様の部品番号 - ESMD-C1_1

メーカー部品番号データシート部品情報
logo
Tyco Electronics
ESMD-C15 MACOM-ESMD-C15 Datasheet
63Kb / 1P
E-Series Surface Mount Mixer 10 - 2000 MHz
ESMD-C15TR MACOM-ESMD-C15TR Datasheet
63Kb / 1P
E-Series Surface Mount Mixer 10 - 2000 MHz
ESMD-C15TR MACOM-ESMD-C15TR Datasheet
138Kb / 2P
E-Series Surface Mount Mixer 10 - 2000 MHz
ESMD-C15 MACOM-ESMD-C15_1 Datasheet
138Kb / 2P
E-Series Surface Mount Mixer 10 - 2000 MHz
ESMD-C1MH MACOM-ESMD-C1MH Datasheet
58Kb / 1P
E-Series Surface Mount Mixer 1 - 1000 MHz
More results

同様の説明 - ESMD-C1_1

メーカー部品番号データシート部品情報
logo
Tyco Electronics
ELCM-2 MACOM-ELCM-2 Datasheet
202Kb / 2P
E-Series Surface Mount Mixer 5 - 1000 MHz
ELCM-2LH MACOM-ELCM-2LH Datasheet
122Kb / 2P
E-Series Surface Mount Mixer 5 - 1000 MHz
ESMD-C1MH MACOM-ESMD-C1MH Datasheet
58Kb / 1P
E-Series Surface Mount Mixer 1 - 1000 MHz
logo
M/A-COM Technology Solu...
EFM-900 MA-COM-EFM-900 Datasheet
82Kb / 3P
E-Series Surface Mount Mixer 810 - 1000 MHz
MAMX-008174-CXD860 MA-COM-MAMX-008174-CXD860 Datasheet
127Kb / 4P
E-Series Surface Mount Mixer 1 to 1000 MHz
MAMXES0028 MA-COM-MAMXES0028 Datasheet
103Kb / 3P
E-Series Surface Mount Mixer 1 - 1000 MHz
MAMXES0115 MA-COM-MAMXES0115 Datasheet
47Kb / 2P
E-Series Surface Mount Mixer 5 - 1000 MHz
MAMX-008174-CXD860 MA-COM-MAMX-008174-CXD860 Datasheet
127Kb / 4P
E-Series Surface Mount Mixer 1 to 1000 MHz
MAMXES0115-V5 MA-COM-MAMXES0115-V5 Datasheet
104Kb / 4P
E-Series Surface Mount Mixer 1 ??1000 MHz
MAMXES0115 MA-COM-MAMXES0115_15 Datasheet
104Kb / 4P
E-Series Surface Mount Mixer 1 ??1000 MHz
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com