データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SP6126 データシート(PDF) 3 Page - Sipex Corporation

部品番号 SP6126
部品情報  High-Voltage, Step Down Controller in TSOT6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIPEX [Sipex Corporation]
ホームページ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6126 データシート(HTML) 3 Page - Sipex Corporation

  SP6126 Datasheet HTML 1Page - Sipex Corporation SP6126 Datasheet HTML 2Page - Sipex Corporation SP6126 Datasheet HTML 3Page - Sipex Corporation SP6126 Datasheet HTML 4Page - Sipex Corporation SP6126 Datasheet HTML 5Page - Sipex Corporation SP6126 Datasheet HTML 6Page - Sipex Corporation SP6126 Datasheet HTML 7Page - Sipex Corporation SP6126 Datasheet HTML 8Page - Sipex Corporation SP6126 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Mar 29-07 RevD
SP6126: TSOT-6 PFET Buck Controller
 2007 Sipex Corporation
3
PIN DESCRIPTION
PIN #
PIN
NAME
DESCRIPTION
1
VIN
Input power supply for the controller. Place input decoupling capacitor as close
as possible to this pin.
2
GATE
Connect to the gate terminal of the external P-channel MOSFET.
3
VDR
Power supply for the internal driver. This voltage is internally regulated to
about 5V below VIN. Place a 0.1uF decoupling capacitor between VDR and
VIN as close as possible to the IC.
4
FB
Regulator feedback input. Connect to a resistive voltage-divider network to set
the output voltage. This pin can be also used for ON/OFF control. If this pin is
pulled above 1V the P-channel driver is disabled and controller resets internal
soft start circuit.
5
GND
Ground pin.
6
LX
This pin is used as a current limit input for the internal current limit comparator.
Connect to the drain pin of the external MOSFET through an optional resistor.
Internal threshold is pre-set to 300mV nominal and can be decreased by
changing the external resistor based on the following formula:
VTRSHLD = 300mV – 30uA * R
BLOCK DIAGRAM
FAULT
Register
Set Dominant
POR
ENBL
4-Bit counter
VDR
VIN
GATE
5V Internal LDO
VIN - 0.3V
Overcurrent
Comparator
LX
VDR
30uA
GND
5V
+
-
+
-
VREF
FAULT
FB
Oscillator
VIN
S
R
I = k x VIN
Error Amplifier
PWM Comparator
PWM Latch
Reset Dominant
Vin - 5V LDO
FAULT
+
-
1V
FAULT
200ms delay
UVLO
S
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com