データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SST45LF010 データシート(PDF) 2 Page - Silicon Storage Technology, Inc

部品番号 SST45LF010
部品情報  1 Mbit Serial Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SST [Silicon Storage Technology, Inc]
ホームページ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST45LF010 データシート(HTML) 2 Page - Silicon Storage Technology, Inc

  SST45LF010_03 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST45LF010_03 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST45LF010_03 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST45LF010_03 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST45LF010_03 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST45LF010_03 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST45LF010_03 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST45LF010_03 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST45LF010_03 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Data Sheet
1 Mbit Serial Flash
SST45LF010
©2003 Silicon Storage Technology, Inc.
S71128-04-000
3/03
372
Reset
Reset will terminate any operation, e.g., Read, Erase and
Program, in progress. It is activated by a high to low tran-
sition on the RST# pin. The device will remain in reset
condition as long as RST# is low. Minimum reset time is
10 µs. See Figure 15 for reset timing diagram. RST# is
internally pulled-up and could remain unconnected dur-
ing normal operation. After reset, the device is in standby
mode, a high to low transition on CE# is required to start
the next operation.
An internal power-on reset circuit protects against acci-
dental data writes. Applying a logic level low to RST# dur-
ing the power-on process then changing to a logic level
high when VDD has reached the correct voltage level will
provide additional protection against accidental writes
during power on.
Read SST ID/Read Device ID
The Read SST ID and Read Device ID operations read the
JEDEC assigned manufacturer’s identification and the manu-
facturer assigned device IDs. These IDs may be used to
determine the actual device resident in the system.
Write Protect
The WP# pin provides inadvertent write protection. The
WP# pin must be held high for any Erase or Program oper-
ation. The WP# pin can be VIL or VIH, but no other value, for
all other operations. In typical use, the WP# pin is con-
nected to VSS with a standard pull-down resistor. WP# is
then driven high whenever an Erase or Program operation
is required. If the WP# pin is tied to VDD with a pull-up resis-
tor, then all operations may occur and the write protection
feature is disabled. The WP# pin has an internal pull-up
and could remain unconnected when not used.
Reduced-Function Option
(SST45LF010-10-4C-SA-DD014)
The SST45LF010-10-4C-SA-DD014 is a reduced-function
option of the SST45LF010-10-4C-xA.
For these devices, SST only tests and guarantees func-
tionality when separate serial input and serial output data
lines are used. Valid connections must be as illustrated in
Figure 1.
The RESET# pin is not tested during production; it must be
left unconnected or tied to VDD.
FIGURE 1: VALID CONNECTIONS FOR
SST45LF010-10-4C-SA-DD014
TABLE
1: PRODUCT IDENTIFICATION
Byte
Data
Manufacturer’s ID
0000H
BFH
Device ID
0001H
42H
T1.2 372
Host Controller
SST45LF010-10-4C-SA-DD014
SCK
SO
SI
SCK
SO
SI
372 ILL F21.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com