| データシートサーチシステム |
|
TVP7002PZP データシート(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TVP7002PZP データシート(HTML) 11 Page - Texas Instruments |
|
11 / 52 page ![]() www.ti.com TIMING REQUIREMENTS SDA t1 t6 t7 t2 t8 t3 t4 t6 SCL Data Stop Start Stop t5 TVP7002 SLES206 – MAY 2007 PARAMETER TEST CONDITIONS MIN TYP MAX UNIT I2C HOST PORT TIMING t1 Bus free time between STOP and START Specified by design 1.3 µs t2 Setup time for a (repeated) START condition Specified by design 0.6 µs t3 Hold time (repeated) START condition Specified by design 0.6 µs t4 Setup time for a STOP condition Specified by design 0.6 ns t5 Data setup time Specified by design 100 ns t6 Data hold time Specified by design 0 0.9 µs t7 Rise time SDA and SCL signal Specified by design 250 ns t8 Fall time SDA and SCL signal Specified by design 250 ns Cb Capacitive load for each bus line Specified by design 400 pF fI2C I2C clock frequency Specified by design 400 kHz Figure 2. I2C Host Port Timing 11 Submit Documentation Feedback |