| データシートサーチシステム |
|
IA88C00-PDW48C-R データシート(PDF) 51 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA88C00-PDW48C-R データシート(HTML) 51 Page - InnovASIC, Inc |
|
51 / 80 page ![]() IA88C00 Data Sheet Microcontroller As of Production Version -01 Copyright © 2005 ENG21 1 030617-04 www.Innovasic Innovasic.com Innovasic Semiconductor Page 51 of 80 1.888.824.4184 dst←dst XOR src † These instructions have an identical set of addressing modes, which are encoded for brevity. The first opcode nibble is found in the instruction set table above. The second nibble is expressed symbolically by a ‘[ ]’ in this table. Its value is found in the following table to the left of the applicable addressing mode pair. For example, the opcode of an ADC instruction using the addressing modes r (destination) and ir (source) is 13. Address dst Mode src Lower Opcode Nibble r r [2] r Ir [3] R R [4] R IR [5] R IM [6] Notes: 0 = Cleared to Zero 1 = Set to One – = Unaffected * = Set or reset, depending on result of operation. U = Undefined |