| データシートサーチシステム |
|
IA88C00-PDW48I-R データシート(PDF) 15 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA88C00-PDW48I-R データシート(HTML) 15 Page - InnovASIC, Inc |
|
15 / 80 page ![]() IA88C00 Data Sheet Microcontroller As of Production Version -01 Copyright © 2005 ENG 21 0 050519-00 www.Innovasic Innovasic.com Innovasic Semiconductor Page 15 of 80 1.888.824.4184 Set One FFH EOH DFH DOH CFH COH Mode and Control Registers (Register Addressing Only) System Register: STACK, FLAGS, PORTS, etc. (Register Addressing Only) Working Register (Working Register Addressing Only) Bank 1 Bank 0 Data Registers (Indirect Register, Indexed, STACK or DMA Access Only) Set Two FFH COH CFH OOH Data Registers (All Addressing Modes) 192 Bytes 256 Bytes Figure 7. IA88C00Registers Working Register Window Working registers are those registers found within a moveable 8-register section of the register space. These moveable 8-register sections are defined by register pointers RP0 and RP1, which are control registers R214 and R215. Short 4-bit addresses are used to access working registers. The process of accessing working registers, shown in a section of Figure 7, occurs as follows: |