| データシートサーチシステム |
|
IA186EM-PQF100I-R データシート(PDF) 19 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA186EM-PQF100I-R データシート(HTML) 19 Page - InnovASIC, Inc |
|
19 / 133 page ![]() IA186EM/IA188EM Data Sheet 8/16-BIT Microcontrollers As of Production Version -03 PCS Address Ranges Range PCSn Line Low High PCS0n Base Address Base Address + 255 PCS1n Base Address + 256 Base Address + 511 PCS2n Base Address + 512 Base Address + 767 PCS3n Base Address + 768 Base Address + 1023 Reserved N/A N/A PCS5n Base Address + 1280 Base Address PCS6n Base Address + 1536 Base Address Reserved [6:4] (bits 6-4) – Set to 1. R [3] (bit 3) – Wait State Value. See the following table. R [2] (bit 2) – Ready Mode. When 0, external ready is required. When 1, external ready is ignored. But in each case the number of wait states is determined as in the following table. R [1:0] (bits 1 – 0) – Wait-State Value. See following table. It should be noted that pcs6_n – pcs5_n and pcs3_n – pcs0_n pins are multiplexed with the programmable I/O pins. And for them to function as chip selects, the PIO mode and direction settings for these pins must be set to 0 for normal operation. PCS3n – PCS0n Wait–State Encoding R3 R1 R0 Wait States 0 0 0 0 0 0 1 1 0 1 0 2 0 1 1 3 1 0 0 5 1 0 1 7 1 1 0 9 1 1 1 15 LMCS (0a2h) - Low Memory Chip Select Register configures the Low Memory Chip Select that has been provided to facilitate access to the interrupt vector table located at 00000h or the bottom of memory. The lcs_n pin is not active at reset. The width of the data bus for the lcs_n space should be configured in the AUXCON register before activating the lcs_n chip select pin, by any write access to the LMCS register. 3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com |