| データシートサーチシステム |
|
IA88C00-PLC68C-R データシート(PDF) 48 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA88C00-PLC68C-R データシート(HTML) 48 Page - InnovASIC, Inc |
|
48 / 80 page ![]() IA88C00 Data Sheet Microcontroller As of Production Version -01 Copyright © 2005 ENG21 1 030617-04 www.Innovasic Innovasic.com Innovasic Semiconductor Page 48 of 80 1.888.824.4184 IRET (Normal) BF Restored to FLAGS←@SP; before interrupt SP←SP + 1; PC←@ SP SP←SP + 2; SMR(0) ←1 JP cc, dst DA ccD - - - - - - if cc is true C = 0 to F PC←dst IRR 30 JR cc, dst RA ccB - - - - - - if cc is true, cc = 0 to F PC←PC + d LD dst, src r IM rC - - - - - - dst←src r R r8 R r9 r = 0 to F Flags Affected Instruction and Operation Address Mode dst scr Opcode Byte (Hex) C Z S V D H r IR C7 IR r D7 R R E4 R IR E5 R IM E6 - IR IM D6 IR R F6 r x 87 - x r 97 LDB dst, src r0 Rb 47 - - - - - dst←src Rb r0 47 - LDC/LDE r lrr C3 - - - - - - dst←src lrr r D3 r xs E7 xs r F7 r x1 A7 x1 r B7 r DA A7 DA R B7 LDCD/LDED dst, src r lrr E2 - - - - - - dst←src rr←rr-1 LDEI/LDCI dst, src r lrr E3 - - - - - - dst←src rr←rr+1 LDCPD/LDCI dst, src r lrr E3 - - - - - - |