データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCS08 データシート(PDF) 169 Page - Motorola, Inc

部品番号 HCS08
部品情報  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 データシート(HTML) 169 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 165Page - Motorola, Inc HCS08 Datasheet HTML 166Page - Motorola, Inc HCS08 Datasheet HTML 167Page - Motorola, Inc HCS08 Datasheet HTML 168Page - Motorola, Inc HCS08 Datasheet HTML 169Page - Motorola, Inc HCS08 Datasheet HTML 170Page - Motorola, Inc HCS08 Datasheet HTML 171Page - Motorola, Inc HCS08 Datasheet HTML 172Page - Motorola, Inc HCS08 Datasheet HTML 173Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
169
MC9S08GB/GT
CHnIE — Channel n Interrupt Enable
This read/write bit enables interrupts from channel n. Reset clears the CHnIE bit.
1 = Channel n interrupt requests enabled.
0 = Channel n interrupt requests disabled (use software polling).
MSnB — Mode Select B for TPM Channel n
When CPWMS = 0, MSnB = 1 configures TPM channel n for edge-aligned PWM mode. For a
summary of channel mode and setup controls, refer to Table 10-3.
MSnA — Mode Select A for TPM Channel n
When CPWMS = 0 and MSnB = 0, MSnA configures TPM channel n for input capture mode or output
compare mode. Refer to Table 10-3 for a summary of channel mode and setup controls.
If the associated port pin is not stable for at least two bus clock cycles before changing to input capture
mode, it is possible to get an unexpected indication of an edge trigger. Typically, a program would clear
status flags after changing channel configuration bits and before enabling channel interrupts or using the
status flags to avoid any unexpected behavior.
ELSnB:ELSnA — Edge/Level Select Bits
Depending on the operating mode for the timer channel as set by CPWMS:MSnB:MSnA and shown
in Table 10-3, these bits select the polarity of the input edge that triggers an input capture event, select
the level that will be driven in response to an output compare match, or select the polarity of the PWM
output.
Table 10-3 Mode, Edge, and Level Selection
CPWMS
MSnB:MSnA
ELSnB:ELSnA
Mode
Configuration
XXX
00
Pin not used for TPM channel; use as an external clock for the TPM or
revert to general-purpose I/O
0
00
01
Input capture
Capture on rising edge only
10
Capture on falling edge only
11
Capture on rising or falling edge
01
01
Output compare
Toggle output on compare
10
Clear output on compare
11
Set output on compare
1X
10
Edge-aligned
PWM
High-true pulses (clear output on compare)
X1
Low-true pulses (set output on compare)
1XX
10
Center-aligned
PWM
High-true pulses (clear output on compare-up)
X1
Low-true pulses (set output on compare-up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com