データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM86312 データシート(PDF) 21 Page - STMicroelectronics

部品番号 STM86312
部品情報  1/4 to 1/11-duty VFD controller/driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM86312 データシート(HTML) 21 Page - STMicroelectronics

Back Button STM86312_06 Datasheet HTML 16Page - STMicroelectronics STM86312_06 Datasheet HTML 17Page - STMicroelectronics STM86312_06 Datasheet HTML 18Page - STMicroelectronics STM86312_06 Datasheet HTML 19Page - STMicroelectronics STM86312_06 Datasheet HTML 20Page - STMicroelectronics STM86312_06 Datasheet HTML 21Page - STMicroelectronics STM86312_06 Datasheet HTML 22Page - STMicroelectronics STM86312_06 Datasheet HTML 23Page - STMicroelectronics STM86312_06 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
STM86312
Mechanical data
21/24
11
Mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24