データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLD20D-C8 データシート(PDF) 25 Page - STMicroelectronics

部品番号 STLD20D-C8
部品情報  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D-C8 データシート(HTML) 25 Page - STMicroelectronics

Back Button STLD20D-C8 Datasheet HTML 21Page - STMicroelectronics STLD20D-C8 Datasheet HTML 22Page - STMicroelectronics STLD20D-C8 Datasheet HTML 23Page - STMicroelectronics STLD20D-C8 Datasheet HTML 24Page - STMicroelectronics STLD20D-C8 Datasheet HTML 25Page - STMicroelectronics STLD20D-C8 Datasheet HTML 26Page - STMicroelectronics STLD20D-C8 Datasheet HTML 27Page - STMicroelectronics STLD20D-C8 Datasheet HTML 28Page - STMicroelectronics STLD20D-C8 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
STLD20D
Package mechanical data
25/31
12
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31