| データシートサーチシステム |
|
PLS173N データシート(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PLS173N データシート(HTML) 6 Page - NXP Semiconductors |
|
6 / 8 page ![]() Philips Semiconductors Programmable Logic Devices Product specification PLS173 Programmable logic array (22 × 42 × 10) October 22, 1993 30 LOGIC PROGRAMMING The PLS173 is fully supported by industry standard (JEDEC compatible) PLD CAD tools, including Philips Semiconductors SNAP, Data I/O Corporation’s ABEL ™, and Logical Devices Incorporated’s CUPL ™ design software packages. All packages allow Boolean and state equation entry formats. SNAP, ABEL and CUPL also accept, as input, schematic capture format. PLS173 logic designs can also be generated using the program table entry format detailed on the following pages. This program table entry format is supported by the Philips Semiconductors SNAP PLD design software package. To implement the desired logic functions, the state of each logic variable from logic equations (I, B, O, P, etc.) is assigned a symbol. The symbols for TRUE, COMPLEMENT, INACTIVE, PRESET, etc., are defined below. PROGRAMMING AND SOFTWARE SUPPORT Refer to Section 9 (Development Software) and Section 10 (Third-Party Programmer/Software Support) of this data handbook for addtional information. OUTPUT POLARITY – (B) AND ARRAY – (I, B) CODE O STATE INACTIVE1, 2 CODE STATE CODE STATE CODE STATE I, B H L – P, D I, B I, B I, B I, B P, D I, B I, B I, B P, D I, B I, B I, B P, D I, B I, B I, B DON’T CARE OR ARRAY – (B) VIRGIN STATE A factory shipped virgin device contains all fusible links intact, such that: 1. All outputs are at “H” polarity. 2. All Pn terms are disabled. 3. All Pn terms are active on all outputs. NOTES: 1. This is the initial unprogrammed state of all link pairs. It is normally associated with all unused (inactive) AND gates Pn, Dn. 2. Any gate Pn, Dn will be unconditionally inhibited if both the True and Complement of any input (I, B) are left intact. ABEL is a trademark of Data I/O Corp. CUPL is a trademark of Logical Devices, Inc. CODE ACTIVE LEVEL LOW (INVERTING) L CODE ACTIVE LEVEL HIGH1 (NON-NVERTING) H S X B S X B CODE INACTIVE A CODE Pn STATUS ACTIVE1 • P S Pn STATUS P S |