データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RBO08-40T データシート(PDF) 4 Page - STMicroelectronics

部品番号 RBO08-40T
部品情報  REVERSED BATTERY AND OVERVOLTAGE PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RBO08-40T データシート(HTML) 4 Page - STMicroelectronics

  RBO08-40T Datasheet HTML 1Page - STMicroelectronics RBO08-40T Datasheet HTML 2Page - STMicroelectronics RBO08-40T Datasheet HTML 3Page - STMicroelectronics RBO08-40T Datasheet HTML 4Page - STMicroelectronics RBO08-40T Datasheet HTML 5Page - STMicroelectronics RBO08-40T Datasheet HTML 6Page - STMicroelectronics RBO08-40T Datasheet HTML 7Page - STMicroelectronics RBO08-40T Datasheet HTML 8Page - STMicroelectronics RBO08-40T Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RBO08-40G / RBO08-40T
4/9
PRODUCT DESCRIPTION
1
2
3
The RBO has 3 functions integrated on the same
chip.
D1 : “Diode function” in order to protect against
reversed battery operation.
T2 : “Transil function” in order to protect against
positive surge generated by electric systems
(ignition, relay. ...).
T1 : Protection againt negative surges such as
inductive overvoltages (see motor application
below).
BASIC APPLICATION
* The monolithic multi-function protection
(RBO) has been developed to protect sen-
sitive semiconductors in car electronic
modules against both overvoltage and
battery reverse.
* In addition, the RBO circuit prevents
overvoltages generated by the module from
affecting the car supply network.
MOTOR DRIVER APPLICATION
D1
T1
T2
BATTERY
RBO
DEVICE
MOTOR CONTROL
MOTOR
Filter
In this application, one half of the motor drive circuit is supplied through the “RBO” and is thus protected
as per its basic function application.
The second part is connected directly to the “car supply network” and is protected as follows :
- For positive surges : T2 (clamping phase) and D1 in forward-biased.
- For negative surges : T1 (clamping phase) and T2 in forward-biased.



Html Pages

1 2 3 4 5 6 7 8 9