| データシートサーチシステム |
|
XC6103C016 データシート(PDF) 2 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC6103C016 データシート(HTML) 2 Page - Torex Semiconductor |
|
2 / 26 page ![]() 2/26 XC6101~XC6107, XC6111~XC6117 Series PIN NUMBER XC6101, XC6102 XC6103 XC6104, XC6105 XC6106, XC6107 XC6111, XC6112 XC6113 XC6114, XC6115 XC6116, XC6117 SOT-25 USP-6C SOT-25 USP-6C SOT-25 USP-6C SOT-25 USP-6C PIN NAME FUNCTION 1 4 - - 1 4 1 4 RESETB Reset Output (VDFL: Low Level When Detected) 2 5 2 5 2 5 2 5 VSS Ground 3 2 3 2 - - 4 1 MRB Manual Reset 4 1 4 1 4 1 - - WD Watchdog 5 6 5 6 5 6 5 6 VIN Power Input - - 1 4 3 2 3 2 RESET Reset Output (VDFH: High Level When Detected) ■ PIN CONFIGURATION SOT-25 (TOP VIEW) MRB VIN WD 5 RESETB VSS 4 12 3 MRB WD 5 RESET VSS 4 12 3 VIN RESET WD 5 RESETB VSS 4 12 3 VIN SOT-25 (TOP VIEW) RESET MRB 5 RESETB VSS 4 12 3 VIN SOT-25 (TOP VIEW) ■ PIN ASSIGNMENT ● SOT-25 XC6101, XC6102 Series XC6111, XC6112 Series SOT-25 (TOP VIEW) XC6103 & XC6113 Series XC6104, XC6105 Series XC6114, XC6115 Series XC6106, XC6107 Series XC6116, XC6117 Series ● USP-6C XC6101, XC6102 Series XC6111, XC6112 Series XC6103 & XC6113 Series XC6104, XC6105 Series XC6114, XC6115 Series XC6106, XC6107 Series XC6116, XC6117 Series USP-6C (BOTTOM VIEW) USP-6C (BOTTOM VIEW) USP-6C (BOTTOM VIEW) USP-6C (BOTTOM VIEW) * The dissipation pad for the USP-6C package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heat release. If the pad needs to be connected to other pins, it should be connected to the VSS pin. |