データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KT-3228SY9ZS-RV データシート(PDF) 6 Page - Kingbright Corporation

部品番号 KT-3228SY9ZS-RV
部品情報  3.2x2.8mm SMD LED WITH CERAMIC SUBSTRATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGBRIGHT [Kingbright Corporation]
ホームページ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KT-3228SY9ZS-RV データシート(HTML) 6 Page - Kingbright Corporation

Back Button KT-3228SY9ZS-RV Datasheet HTML 2Page - Kingbright Corporation KT-3228SY9ZS-RV Datasheet HTML 3Page - Kingbright Corporation KT-3228SY9ZS-RV Datasheet HTML 4Page - Kingbright Corporation KT-3228SY9ZS-RV Datasheet HTML 5Page - Kingbright Corporation KT-3228SY9ZS-RV Datasheet HTML 6Page - Kingbright Corporation KT-3228SY9ZS-RV Datasheet HTML 7Page - Kingbright Corporation KT-3228SY9ZS-RV Datasheet HTML 8Page - Kingbright Corporation KT-3228SY9ZS-RV Datasheet HTML 9Page - Kingbright Corporation KT-3228SY9ZS-RV Datasheet HTML 10Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SPEC NO: DSAI6704
REV NO: V.1
DATE: AUG/26/2008
PAGE: 6 OF 12
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.P.Chen
ERP: 1212000024
3.2x2.8mm SMD LED WITH CERAMIC
SUBSTRATE
Designing the Position of LED on a Board.
1.No twist/warp/bent/or other stress shall be applied to the board after mounting LED with
solder to avoid a crack of LED package.
Refer to the following recommended position and direction of LED.
Appropriate LED mounting is to place perpendicularly against the stress affected side
.
2.Depending on the position and direction of LED,the mechanical stress on the LED package can be changed.
Refer to the following figure.
3.Do not split board by hand.Split with exclusive special tool.
4.If an aluminum circuit board is used,a large stress by thermal shock might cause a solder crack.
For this reason,it is recommended an appropriate verification should be taken before use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12