データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MBRB4030 データシート(PDF) 1 Page - Inchange Semiconductor Company Limited

部品番号 MBRB4030
部品情報  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBRB4030 データシート(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBRB4030 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBRB4030 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MBRB4030 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISS5024HG
eq MBRB4030
Schottky Barrier Rectifier
www.iscsemi.com
1
DESCRIPTION
·
Schottky barrier chip
·
Low Power Loss,High Efficiency
·
Guard ring for transient protection
·
High Operating Junction Temperature
APPLICATIONS
· For use in high frequency rectifier of switching mode
power supplies,freewheeling diodes,DC-to-DC converters
or polarity protection application.
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRMS
VR
Peak Repetitive Reverse Voltage
RMS Voltage
DC Blocking Voltage
30
V
IF(AV)
Average Rectified Forward
Current
40
A
IFSM
Nonrepetitive Peak Surge Current
8.3ms single half sine-wave superimposed on rated load
conditions
300
A
TJ
Junction Temperature
-65~175
Tstg
Storage Temperature Range
-65~175


同様の部品番号 - MBRB4030

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MBRB4030 MOTOROLA-MBRB4030 Datasheet
71Kb / 4P
SWITCHMODE??Power Rectifier
logo
ON Semiconductor
MBRB4030 ONSEMI-MBRB4030 Datasheet
69Kb / 6P
SWITCHMODE Power Rectifier
September, 2006 ??Rev. 6
logo
Sangdest Microelectroni...
MBRB4030 SMC-MBRB4030 Datasheet
247Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
MBRB4030 SMCDIODE-MBRB4030 Datasheet
263Kb / 4P
MBRB4030 SCHOTTKY RECTIFIER
Rev. A
logo
ON Semiconductor
MBRB4030G ONSEMI-MBRB4030G Datasheet
69Kb / 6P
SWITCHMODE Power Rectifier
September, 2006 ??Rev. 6
More results

同様の説明 - MBRB4030

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com