| データシートサーチシステム |
|
56F8335 データシート(PDF) 39 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8335 データシート(HTML) 39 Page - Freescale Semiconductor, Inc |
|
39 / 160 page ![]() Interrupt Vector Table 56F8335 Technical Data, Rev. 5 Freescale Semiconductor 39 Preliminary FM 24 0-2 P:$30 FM Command, data and address Buffers Empty Reserved FLEXCAN 26 0-2 P:$34 FLEXCAN Bus Off FLEXCAN 27 0-2 P:$36 FLEXCAN Error FLEXCAN 28 0-2 P:$38 FLEXCAN Wake Up FLEXCAN 29 0-2 P:$3A FLEXCAN Message Buffer Interrupt GPIOF 30 0-2 P:$3C GPIO F GPIOE 31 0-2 P:$3E GPIO E GPIOD 32 0-2 P:$40 GPIO D GPIOC 33 0-2 P:$42 GPIO C GPIOB 34 0-2 P:$44 GPIO B GPIOA 35 0-2 P:$46 GPIO A Reserved SPI1 38 0-2 P:$4C SPI 1 Receiver Full SPI1 39 0-2 P:$4E SPI 1 Transmitter Empty SPI0 40 0-2 P:$50 SPI 0 Receiver Full SPI0 41 0-2 P:$52 SPI 0 Transmitter Empty SCI1 42 0-2 P:$54 SCI 1 Transmitter Empty SCI1 43 0-2 P:$56 SCI 1 Transmitter Idle Reserved SCI1 45 0-2 P:$5A SCI 1 Receiver Error SCI1 46 0-2 P:$5C SCI 1 Receiver Full Table 4-5 Interrupt Vector Table Contents1 (Continued) Peripheral Vector Number Priority Level Vector Base Address + Interrupt Function |