| データシートサーチシステム |
|
56F8366 データシート(PDF) 86 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8366 データシート(HTML) 86 Page - Freescale Semiconductor, Inc |
|
86 / 184 page ![]() 56F8366 Technical Data, Rev. 6 86 Freescale Semiconductor Preliminary 5.6 Register Descriptions A register address is the sum of a base address and an address offset. The base address is defined at the system level and the address offset is defined at the module level. The ITCN peripheral has 24 registers. Table 5-3 ITCN Register Summary (ITCN_BASE = $00 F1A0) Register Acronym Base Address + Register Name Section Location IPR0 $0 Interrupt Priority Register 0 5.6.1 IPR1 $1 Interrupt Priority Register 1 5.6.2 IPR2 $2 Interrupt Priority Register 2 5.6.3 IPR3 $3 Interrupt Priority Register 3 5.6.4 IPR4 $4 Interrupt Priority Register 4 5.6.5 IPR5 $5 Interrupt Priority Register 5 5.6.6 IPR6 $6 Interrupt Priority Register 6 5.6.7 IPR7 $7 Interrupt Priority Register 7 5.6.8 IPR8 $8 Interrupt Priority Register 8 5.6.9 IPR9 $9 Interrupt Priority Register 9 5.6.10 VBA $A Vector Base Address Register 5.6.11 FIM0 $B Fast Interrupt 0 Match Register 5.6.12 FIVAL0 $C Fast Interrupt 0 Vector Address Low Register 5.6.13 FIVAH0 $D Fast Interrupt 0 Vector Address High Register 5.6.14 FIM1 $E Fast Interrupt 1 Match Register 5.6.15 FIVAL1 $F Fast Interrupt 1 Vector Address Low Register 5.6.16 FIVAH1 $10 Fast Interrupt 1 Vector Address High Register 5.6.17 IRQP0 $11 IRQ Pending Register 0 5.6.18 IRQP1 $12 IRQ Pending Register 1 5.6.19 IRQP2 $13 IRQ Pending Register 2 5.6.20 IRQP3 $14 IRQ Pending Register 3 5.6.21 IRQP4 $15 IRQ Pending Register 4 5.6.22 IRQP5 $16 IRQ Pending Register 5 5.6.23 Reserved ICTL $1D Interrupt Control Register 5.6.30 Reserved IPR10 $1F Interrupt Priority Register 10 5.6.32 Note: The IPR10 register is NOT available in the 56F8166 device. |