| データシートサーチシステム |
|
56F8366 データシート(PDF) 101 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8366 データシート(HTML) 101 Page - Freescale Semiconductor, Inc |
|
101 / 184 page ![]() Register Descriptions 56F8366 Technical Data, Rev. 6 Freescale Semiconductor 101 Preliminary 5.6.8.6 Timer C, Channel 3 Interrupt Priority Level (TMRC3 IPL)—Bits 5–4 This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2. They are disabled by default. • 00 = IRQ disabled (default) • 01 = IRQ is priority level 0 • 10 = IRQ is priority level 1 • 11 = IRQ is priority level 2 5.6.8.7 Timer C, Channel 2 Interrupt Priority Level (TMRC2 IPL)—Bits 3–2 This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2. They are disabled by default. • 00 = IRQ disabled (default) • 01 = IRQ is priority level 0 • 10 = IRQ is priority level 1 • 11 = IRQ is priority level 2 5.6.8.8 Timer C, Channel 1 Interrupt Priority Level (TMRC1 IPL)—Bits 1–0 This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2. They are disabled by default. • 00 = IRQ disabled (default) • 01 = IRQ is priority level 0 • 10 = IRQ is priority level 1 • 11 = IRQ is priority level 2 5.6.9 Interrupt Priority Register 8 (IPR8) Figure 5-11 Interrupt Priority Register 8 (IPR8) 5.6.9.1 SCI0 Receiver Full Interrupt Priority Level (SCI0_RCV IPL)—Bits 15–14 This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2. They are disabled by default. • 00 = IRQ disabled (default) • 01 = IRQ is priority level 0 • 10 = IRQ is priority level 1 • 11 = IRQ is priority level 2 Base + $8 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read SCI0_RCV IPL SCI0_RERR IPL 0 0 SCI0_TIDL IPL SCI0_XMIT IPL TMRA3 IPL TMRA2 IPL TMRA1 IPL Write RESET 00000 0000000 0000 |