| データシートサーチシステム |
|
56F8367 データシート(PDF) 70 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8367 データシート(HTML) 70 Page - Freescale Semiconductor, Inc |
|
70 / 184 page ![]() 56F8367 Technical Data, Rev. 8 70 Freescale Semiconductor Preliminary Table 4-36 Power Supervisor Registers Address Map (LVI_BASE = $00 F360) Register Acronym Address Offset Register Description LVI_CONTROL $0 Control Register LVI_STATUS $1 Status Register Table 4-37 Flash Module Registers Address Map (FM_BASE = $00 F400) Register Acronym Address Offset Register Description FMCLKD $0 Clock Divider Register FMMCR $1 Module Control Register Reserved FMSECH $3 Security High Half Register FMSECL $4 Security Low Half Register Reserved Reserved FMPROT $10 Protection Register (Banked) FMPROTB $11 Protection Boot Register (Banked) Reserved FMUSTAT $13 User Status Register (Banked) FMCMD $14 Command Register (Banked) Reserved Reserved FMOPT 0 $1A 16-Bit Information Option Register 0 Hot temperature ADC reading of Temperature Sensor; value set during factory test FMOPT 1 $1B 16-Bit Information Option Register 1 Not used FMOPT 2 $1C 16-Bit Information Option Register 2 Room temperature ADC reading of Temperature Sensor; value set during factory test Table 4-38 FlexCAN Registers Address Map (FC_BASE = $00 F800) FlexCAN is NOT available in the 56F8167 device Register Acronym Address Offset Register Description FCMCR $0 Module Configuration Register Reserved |