| データシートサーチシステム |
|
PR31100ABC データシート(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PR31100ABC データシート(HTML) 3 Page - NXP Semiconductors |
|
3 / 26 page ![]() Philips Semiconductors Preliminary specification MIPS PR31100 Highly integrated embedded processor 1996 Aug 07 3 R3000 RISC CPU Core ICache 4KByte DCache 1KByte Data Addr Magicbus Module CHI Module Data Addr Control to UCB1100 to LCD to Magicbus to high speed serial to IR Timer Module (+ RTC) IR Module UART Module (dual UART) MAC to UART Power Module SPI Module to Power Supply IO Module to general purpose I/O 32 KHz SYSCLK Clock Module Interrupt Module System Interface Module (SIM) to Memory CPU Module System Interface Unit (SIU) Module Arbitration/DMA/AddrDecode Video Module SIB Module Figure 1. PR31100 Block Diagram |