| データシートサーチシステム |
|
PR31500ABC データシート(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PR31500ABC データシート(HTML) 3 Page - NXP Semiconductors |
|
3 / 24 page ![]() Philips Semiconductors Preliminary specification MIPS PR31500 Poseidon embedded processor 1996 Sep 24 3 R3000 RISC CPU Core ICache 4KByte DCache 1KByte Data Addr CHI Module Data Addr Control to UCB1100 to LCD to high speed serial to IR Timer Module (+ RTC) IR Module UART Module (dual UART) MAC to UART Power Module SPI Module to Power Supply IO Module to general purpose I/O 32 KHz SYSCLK Interrupt Module System Interface Module (SIM) to Memory CPU Module System Interface Unit (SIU) Module Arbitration/DMA/AddrDecode Video Module SIB Module MMU Clock Module SN00162 Figure 1. PR31500 Block Diagram |