データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPB1008K データシート(PDF) 9 Page - California Eastern Labs

部品番号 UPB1008K
部品情報  LOW POWER GPS RF RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

UPB1008K データシート(HTML) 9 Page - California Eastern Labs

Back Button UPB1008K Datasheet HTML 2Page - California Eastern Labs UPB1008K Datasheet HTML 3Page - California Eastern Labs UPB1008K Datasheet HTML 4Page - California Eastern Labs UPB1008K Datasheet HTML 5Page - California Eastern Labs UPB1008K Datasheet HTML 6Page - California Eastern Labs UPB1008K Datasheet HTML 7Page - California Eastern Labs UPB1008K Datasheet HTML 8Page - California Eastern Labs UPB1008K Datasheet HTML 9Page - California Eastern Labs UPB1008K Datasheet HTML 10Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
UPB1008K
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
05/27/04
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
INTERNAL BLOCK DIAGRAM
27
26
25
23
24
22
21
20
19
1
2
3
5
4
6
7
8
9
2ndIFoutl
2ndIFoutlb
DCoffsetl
DCoffsetlb
VCCbb
Imag
Isign
Qsign
Qmag
PDout
GND LNA
LNAin
VCCrf
VCCLO
GNDLO
1stLO-OSC1
1stLO-OSC2
VCCdig
/2
/2
PD
/6/7
8
/2
/4
2-bit
ADC
2-bit
ADC
Vth
Vth
Caution:
The island pins located on the corners are needed to fabricate
products in our plant, but do not serve any other function.
Consequently the island pins should not be soldered and should
remain non-connection pins.
OUTLINE DIMENSIONS (Units in mm)
Package Outline QFN-36
Pin 1
Pin 36
4 -CO.5
6.2±0.2
6.0±0.2
6.2±0.2
6.0±0.2
0.55±0.2
0.22±0.05
0.5
Part Number
Package
UPB1008K-A
36 Pin plastic QFN
ORDERING INFORMATION
3.8
0.5
6.4
6.0
Actual size



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com