データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TUSB564 データシート(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
部品番号 TUSB564
部品情報  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB564 データシート(HTML) 28 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 24Page - Texas Instruments TUSB564 Datasheet HTML 25Page - Texas Instruments TUSB564 Datasheet HTML 26Page - Texas Instruments TUSB564 Datasheet HTML 27Page - Texas Instruments TUSB564 Datasheet HTML 28Page - Texas Instruments TUSB564 Datasheet HTML 29Page - Texas Instruments TUSB564 Datasheet HTML 30Page - Texas Instruments TUSB564 Datasheet HTML 31Page - Texas Instruments TUSB564 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TUSB564-Q1 is a linear redriver designed specifically to compensation for intersymbol interference (ISI)
jitter caused by signal attenuation through a passive medium like PCB traces and cables. Because the
TUSB564-Q1 has four independent DisplayPort 1.4 inputs, one upstream facing USB 3.1 Gen 1 input, and two
downstream facing USB 3.1 Gen 1 inputs, the TUSB564-Q1 can be optimized to correct ISI on all those seven
inputs through 16 different equalization choices. Placing the TUSB564-Q1 between a USB3.1 Host/DisplayPort
1.4 GPU and a USB3.1 Type-C receptacle can correct signal integrity issues resulting in a more robust system.
8.2 Typical Application
USB3
Hub
Redriver
A
B
D
C
SSTXN
SSTXP
SSRXN
SSRXP
TX2P
TX2N
RX2P
RX2N
PCB Trace of Length LAB
PCB Trace of Length LCD
Op onal
RESD
CAC-USB1
CAC-USB2
LESD
LR_ESD
CAC-USB1
DP
RX
DP0P
DP0N
DP1P
DP1N
DP2P
DP2N
DP3P
DP3N
CAC-USB1
E
F
PCB Trace of Length LEF
RRX
TX1P
TX1N
RX1P
RX1N
Op onal
RESD
CAC-USB2
RRX
CAC-USB1
Figure 8-1. TUSB564-Q1 in a DP Alt Sink Application
TUSB564-Q1
SLLSFO9 – MAY 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54