| データシートサーチシステム |
|
MC68HC908GR4MP データシート(PDF) 48 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC908GR4MP データシート(HTML) 48 Page - Freescale Semiconductor, Inc |
|
48 / 286 page ![]() Resets and Interrupts MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7 48 Freescale Semiconductor After every instruction, the CPU checks all pending interrupts if the I bit is not set. If more than one interrupt is pending when an instruction is done, the highest priority interrupt is serviced first. In the example shown in Figure 4-4, if an interrupt is pending upon exit from the interrupt service routine, the pending interrupt is serviced before the LDA instruction is executed. Figure 4-4 . Interrupt Recognition Example The LDA opcode is prefetched by both the INT1 and INT2 RTI instructions. However, in the case of the INT1 RTI prefetch, this is a redundant operation. NOTE To maintain compatibility with the M6805 Family, the H register is not pushed on the stack during interrupt entry. If the interrupt service routine modifies the H register or uses the indexed addressing mode, save the H register and then restore it prior to exiting the routine. CLI LDA INT1 PULH RTI INT2 BACKGROUND #$FF PSHH INT1 INTERRUPT SERVICE ROUTINE PULH RTI PSHH INT2 INTERRUPT SERVICE ROUTINE ROUTINE |