| データシートサーチシステム |
|
TPS16632RGER データシート(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TPS16632RGER データシート(HTML) 36 Page - Texas Instruments |
|
36 / 46 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 9-Jun-2024 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant TPS16630PWPR HTSSOP PWP 20 2000 330.0 16.4 6.95 7.0 1.4 8.0 16.0 Q1 TPS16630PWPT HTSSOP PWP 20 250 180.0 16.4 6.95 7.0 1.4 8.0 16.0 Q1 TPS16630RGER VQFN RGE 24 3000 330.0 12.4 4.25 4.25 1.15 8.0 12.0 Q2 TPS16630RGET VQFN RGE 24 250 180.0 12.4 4.25 4.25 1.15 8.0 12.0 Q2 TPS16632RGER VQFN RGE 24 3000 330.0 12.4 4.25 4.25 1.15 8.0 12.0 Q2 TPS16632RGET VQFN RGE 24 250 180.0 12.4 4.25 4.25 1.15 8.0 12.0 Q2 TPS16637PWPR HTSSOP PWP 20 2000 330.0 16.4 6.95 7.0 1.4 8.0 16.0 Q1 TPS16637RGER VQFN RGE 24 3000 330.0 12.4 4.25 4.25 1.15 8.0 12.0 Q2 Pack Materials-Page 1 |