データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

22682 データシート(PDF) 2 Page - Greenlee Communications

部品番号 22682
部品情報  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GREENLEE [Greenlee Communications]
ホームページ  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

22682 データシート(HTML) 2 Page - Greenlee Communications

  22682 Datasheet HTML 1Page - Greenlee Communications 22682 Datasheet HTML 2Page - Greenlee Communications 22682 Datasheet HTML 3Page - Greenlee Communications 22682 Datasheet HTML 4Page - Greenlee Communications 22682 Datasheet HTML 5Page - Greenlee Communications 22682 Datasheet HTML 6Page - Greenlee Communications 22682 Datasheet HTML 7Page - Greenlee Communications 22682 Datasheet HTML 8Page - Greenlee Communications 22682 Datasheet HTML 9Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
EK210 Gator-Plus™
Terminal Crimping
Tool
774 High
Performance
Ratchet Cable
Cutter
From battery to ratchet, if it needs to be
cut or crimped, Greenlee’s got the tool.
• A Greenlee exclusive – the Gator-Plus™ battery-powered
4-ton crimping tool brings tons of power in a small easy
to use package
• Greenlee now offers the EK210 terminal Gator-Plus™
crimping tool – a unique battery-powered tool to crimp
terminals featuring a design that reduces repetitive
motion injuries
• High Performance Ratchet Cable Cutter– advanced features
with automatic opening and two-speed advance
• Greenlee’s own CCX easy changeover reduces the number
of tools that need to be carried to the job, allowing you to
cut, strip or crimp with a flip open head
142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50