| データシートサーチシステム |
|
MPC859T データシート(PDF) 84 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC859T データシート(HTML) 84 Page - Freescale Semiconductor, Inc |
|
84 / 96 page ![]() MPC866/MPC859 Hardware Specifications, Rev. 2 84 Freescale Semiconductor Mechanical Data and Ordering Information IP_A5 UTPB_Split52 MII-RXERR U5 Input IP_A6 UTPB_Split62 MII-TXERR T6 Input IP_A7 UTPB_Split72 MII-RXDV T3 Input ALE_B DSCK/AT1 J1 Bidirectional Three-state IP_B[0:1] IWP[0:1] VFLS[0:1] H2, J3 Bidirectional IP_B2 IOIS16_B AT2 J2 Bidirectional Three-state IP_B3 IWP2 VF2 G1 Bidirectional IP_B4 LWP0 VF0 G2 Bidirectional IP_B5 LWP1 VF1 J4 Bidirectional IP_B6 DSDI AT0 K3 Bidirectional Three-state IP_B7 PTR AT3 H1 Bidirectional Three-state OP0 MII-TXD0 UtpClk_Split2 L4 Bidirectional OP1 L2 Output OP2 MODCK1 STS L1 Bidirectional Table 39. Pin Assignments (continued) Name Pin Number Type |