データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC866PZP100A データシート(PDF) 84 Page - Freescale Semiconductor, Inc

部品番号 MPC866PZP100A
部品情報  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866PZP100A データシート(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MPC866PZP100A Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC866PZP100A Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC866PZP100A Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC866PZP100A Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC866PZP100A Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC866PZP100A Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC866PZP100A Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC866PZP100A Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC866PZP100A Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
84
Freescale Semiconductor
Mechanical Data and Ordering Information
IP_A5
UTPB_Split52
MII-RXERR
U5
Input
IP_A6
UTPB_Split62
MII-TXERR
T6
Input
IP_A7
UTPB_Split72
MII-RXDV
T3
Input
ALE_B
DSCK/AT1
J1
Bidirectional
Three-state
IP_B[0:1]
IWP[0:1]
VFLS[0:1]
H2, J3
Bidirectional
IP_B2
IOIS16_B
AT2
J2
Bidirectional
Three-state
IP_B3
IWP2
VF2
G1
Bidirectional
IP_B4
LWP0
VF0
G2
Bidirectional
IP_B5
LWP1
VF1
J4
Bidirectional
IP_B6
DSDI
AT0
K3
Bidirectional
Three-state
IP_B7
PTR
AT3
H1
Bidirectional
Three-state
OP0
MII-TXD0
UtpClk_Split2
L4
Bidirectional
OP1
L2
Output
OP2
MODCK1
STS
L1
Bidirectional
Table 39. Pin Assignments (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96