| データシートサーチシステム |
|
MPC859TZP133A データシート(PDF) 6 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC859TZP133A データシート(HTML) 6 Page - Freescale Semiconductor, Inc |
|
6 / 96 page ![]() MPC866/MPC859 Hardware Specifications, Rev. 2 6 Freescale Semiconductor Features The MPC866/859 is comprised of three modules that each use a 32-bit internal bus: MPC8xx core, system integration unit (SIU), and communication processor module (CPM). The MPC866P block diagram is shown in Figure 1. The MPC859P/859T/859DSL block diagram is shown in Figure 2. Figure 1. MPC866P Block Diagram SCC3 SCC4 Bus System Interface Unit (SIU) Embedded Parallel I/O Memory Controller 4 Timers Interrupt Controllers 8-Kbyte Dual-Port RAM 16 Virtual Serial and 2 Independent DMA Channels System Functions PCMCIA/ATA Interface 16-Kbyte Instruction Cache 32-Entry ITLB Instruction MMU 8-Kbyte Data Cache 32-Entry DTLB Data MMU Instruction Bus Load/Store Bus Unified 4 Baud Rate Generators Parallel Interface Port and UTOPIA Internal Bus Interface Unit External Bus Interface Unit Timers 32-Bit RISC Controller and Program ROM SCC1 Serial Interface I2C SPI SMC2 SMC1 SCC2 Time Slot Assigner MPC8xx Processor Core DMAs FIFOs 10/100 MII Base-T Media Access Time Slot Assigner Control Fast Ethernet Controller |